Part Number Hot Search : 
AXHV5005 30KPA108 C2008 MB15051 MA720 CY7C135 AOY516 F3055L
Product Description
Full Text Search
 

To Download DTC143TUA Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 JIANGSU CHANGJIANG ELECTRONICS TECHNOLOGY CO., LTD
Digital transistors (built-in resistors)
DTC143TE/DTC143TUA /DTC143TKA /DTC143TSA/ DTC143TCA
DIGITAL TRANSISTOR (NPN)
FEATURES 1. Built-in bias resistors enable the configuration of an inverter circuit without connecting external input resistors(see equivalent circuit). 2. The bias resistors consist of thin-film resistors with complete isolation to allow negative biasing of the input.They also have the advantage of almost completely eliminating parasitic effects. 3. Only the on/off conditions need to be set for operation, making device design easy. PIN CONNENCTIONS AND MARKING DTC143TE
(1) Base (2) Emitter (3) Collector SOT-523 Addreviated symbol: 03 SOT-323 Addreviated symbol: 03
DTC143TUA
(1) Base (1) Base (2) Emitter (2) Emitter (3) Collector (3) Collector
DTC143TKA
(1) Base (2) Emitter (3) Collector
DTC143TCA DTA114ECA
(1) Base (1) Base (2) Emitter (2) Emitter (3) Collector (3) Collector Addreviated symbol: 03
SOT-23-3L
Addreviated symbol: 03
SOT-23
DTC143TSA
(1) Emitter (2) Collector (3) Base TO-92S
Absolute maximum ratings(Ta=25)
Parameter Collector-base voltage Symbol V(BR)CBO V(BR)CEO V(BR)EBO IC PC Tj Tstg 150 Limits (DTC143T ) E UA CA 50 50 5 100 200 150 -55~150 300 KA SA Unit V V V mA mW
Collector-emitter voltage Emitter-base voltage
Collector current Collector Power dissipation Junction temperature Storage temperature
Electrical characteristics (Ta=25)
Parameter Collector-base breakdown voltage Collector-emitter breakdown voltage Emitter-base breakdown voltage Collector cut-off current Emitter cut-off current Collector-emitter saturation voltage DC current transfer ratio Input resistance Transition frequency Symbol V(BR)CBO V(BR)CEO V(BR)EBO ICBO IEBO VCE(sat) hFE R1 fT 100 3.29 4.7 250 Min. 50 50 5 0.5 0.5 0.3 600 6.11 K MHz VO=10V ,IO=5mA,f=100MHz Typ Max. Unit V V V A A V Conditions Ic=50A Ic=1mA IE=50A VCB=50V VEB=4V IC=5mA,IB=0.25mA VCE=5V,IC=1mA
Typical Characteristics


▲Up To Search▲   

 
Price & Availability of DTC143TUA

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X